|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MURHF860CT Preferred Device SWITCHMODEt Power Rectifier These state-of-the-art SWITCHMODE power rectifiers are designed for use in switching power supplies, inverters and as free wheeling diodes. Features http://onsemi.com * * * * * * * * Ultrafast 35 Nanosecond Recovery Times 150C Operating Junction Temperature Electrically Isolated. No Isolation Hardware Required Epoxy Meets UL 94 V-0 @ 0.125 in High Temperature Glass Passivated Junction High Voltage Capability to 600 V Low Leakage Specified @ 150C Case Temperature Pb-Free Package is Available* ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS 3 2 1 Mechanical Characteristics: MARKING DIAGRAM * Case: Epoxy, Molded * Weight: 1.9 Grams (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * Lead Temperature for Soldering Purposes: 260C Max for 10 Seconds MAXIMUM RATINGS (Per Leg) Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR, TC = 120C) Total Device Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz, TC = 120C) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Operating Junction and Storage Temperature Range Symbol VRRM VRWM VR IF(AV) IFM Value 600 Unit V 1 2 3 Leads are Readily Solderable ISOLATED TO-220 CASE 221D STYLE 3 AYWW UH860G AKA 4.0 8.0 16 A A IFSM 100 A A Y WW UH860 G AKA = Assembly Location = Year = Work Week = Device Code = Pb-Free Package = Diode Polarity TJ, Tstg -65 to +150 C ORDERING INFORMATION Device MURHF860CT Package TO-220 TO-220 (Pb-Free) Shipping 50 Units/Rail 50 Units/Rail THERMAL CHARACTERISTICS (Per Leg) Rating Max Thermal Resistance, Junction-to-Case Symbol RqJC Value 4.1 Unit C/W MURHF860CTG Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. Preferred devices are recommended choices for future use and best overall value. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. (c) Semiconductor Components Industries, LLC, 2006 April, 2006 - Rev. 4 1 Publication Order Number: MURHF860CT/D MURHF860CT ELECTRICAL CHARACTERISTICS (Per Leg) Characteristic Maximum Instantaneous Forward Voltage (Note 1) (iF = 4.0 A, TC = 150C) (iF = 4.0 A, TC = 25C) Maximum Instantaneous Reverse Current (Note 1) (Rated DC Voltage, TC = 150C) (Rated DC Voltage, TC = 25C) Maximum Reverse Recovery Time (IF = 1.0 A, di/dt = 50 A/ms) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0% Symbol vF Value 2.5 2.8 500 10 35 Unit V iR mA trr ns http://onsemi.com 2 MURHF860CT PACKAGE DIMENSIONS TO-220 FULLPAK TRANSISTOR CASE 221D-03 ISSUE G -T- F Q A 123 SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH 3. 221D-01 THRU 221D-02 OBSOLETE, NEW STANDARD 221D-03. DIM A B C D F G H J K L N Q R S U INCHES MIN MAX 0.625 0.635 0.408 0.418 0.180 0.190 0.026 0.031 0.116 0.119 0.100 BSC 0.125 0.135 0.018 0.025 0.530 0.540 0.048 0.053 0.200 BSC 0.124 0.128 0.099 0.103 0.101 0.113 0.238 0.258 MILLIMETERS MIN MAX 15.88 16.12 10.37 10.63 4.57 4.83 0.65 0.78 2.95 3.02 2.54 BSC 3.18 3.43 0.45 0.63 13.47 13.73 1.23 1.36 5.08 BSC 3.15 3.25 2.51 2.62 2.57 2.87 6.06 6.56 -B- C S U H K -Y- G N L D 3 PL M J R 0.25 (0.010) B M Y STYLE 3 PIN 1. ANODE 2. CATHODE 3. ANODE SWITCHMODE is a trademark of Semiconductor Components Industries, LLC. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. http://onsemi.com 3 MURHF860CT/D |
Price & Availability of MURHF860CT06 |